Part Number Hot Search : 
KBJ1501 S78L08F TC5514 2832603 BYQ28E GSIB1520 GPAF801 5KPA45CA
Product Description
Full Text Search
 

To Download ELB-1001SDRWB-S530-A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co.,ltd. technical data sheet 10 bar graph displays elb-1001sdrwb/s530-a3 features : industrial standard size. low power consumption. categorized for luminous intensity. pb free the product itself will remain within rohs compliant version descriptions : the elb-1001 series are ten-element bar graph displays. designed for viewing distances up to 7 meters. there are separate anodes and cathodes for each light segment and choice of five colors is offered. these devices are made with white segments and black surface. applications : audio equipment instrument panels digital read out display material algainp bg060714350015135 everlight electronics co.,ltd. http : //www.everlight.com rev. : 1 page: 1 of 6 prepared date:2006/9/3 prepared by: yanli zhong device number :cddb-100-051 elb-1001sdrwb/s530-a3 part no. emitted color deep-red chip
everlight electronics co.,ltd. technical data sheet 10 bar graph displays elb-1001sdrwb/s530-a3 package dimensions notes: 1.all dimensions are in millimeters , tolerance is 0.25mm unles s otherwise noted. 2.above specification may be changed without notice. supplier will reserve authority on material change for above specification. everlight electronics co.,ltd. http : //www.everlight.com rev. : 1 page: 2 of 6 device number :cddb-100-051 prepared date:2006/9/3 prepared by: yanli zhong
everlight electronics co.,ltd. technical data sheet 10 bar graph displays elb-1001sdrwb/s530-a3 absolute maximum ratings at ta = 25 parameter symbol rating unit reverse voltage v r 5v forward current i f 25 ma operating temperature topr -40 to +85 storage temperature tstg -40 to +100 soldering temperature * tsol 260 5 electrostatic discharge esd 2000 v power dissipation pd 60 mw note: *soldering time Q 5 seconds. electronic optical characteristics : parameter symbol min. typ. max. unit condition luminous ---- 2.0 ---- mcd i f =2ma intensity 4.0 8.9 ---- mcd i f =10ma peak wavelength p ---- 650 ---- nm i f =20ma dominant wavelength d ---- 639 ---- nm i f =20ma ---- 20 ---- nm i f =20ma forward voltage v f ----- 2.0 2.4 v i f =20ma reverse current i r ---- ---- 100 a v r =5v everlight electronics co.,ltd. http : //www.everlight.com rev. : 1 page: 3 of 6 device number :cddb-100-051 prepared date:2006/9/3 prepared by: yanli zhong iv spectrum radiation bandwidth per segment
everlight electronics co.,ltd. technical data sheet 10 bar graph displays elb-1001sdrwb/s530-a3 typical electro-optical characteristic curves: everlight electronics co.,ltd. http : //www.everlight.com rev. : 1 page: 4 of 6 device number :cddb-100-051 prepared date:2006/9/3 prepared by: yanli zhong
everlight electronics co.,ltd. technical data sheet 10 bar graph displays elb-1001sdrwb/s530-a3 reliability test items and conditions: the reliability of products shall be satisfied with items l isted below. confidence level97% ltpd3% no item test conditions test hours/cycle sample size failure judgment criteria ac/re 1 solder heat temp : 260 5 5 sec 76 pcs 0/1 h : +85 30min 2 temperature cycle 5 min 50 cycle 76 pcs 0/1 l : -55 30min h : +100 5min 3 thermal shock 10 sec 50 cycle 76 pcs 0/1 l : -10 5min 4 high temperature storage temp : 100 1000 hrs 76 pcs 0/1 5 low temperature storage temp : -55 1000 hrs 76 pcs 0/1 6 dc operating life if = 10 ma 1000 hrs 76 pcs 0/1 7 high temperature / high humidity 85/85% rh 1000 hrs 76 pcs 0/1 note ivtthe test iv value of the chip before the reliablility test ivthe test value of the chip that has completed the reliablili ty test uupper specification limit l lower specification limit http : //www.everlight.com rev. : 1 page: 5 of 6 device number :cddb-100-051 prepared date:2006/9/3 prepared by: yanli zhong ivQivt*0.5 or vfRu or vfQl everlight electronics co.,ltd.
everlight electronics co.,ltd. technical data sheet 10 bar graph displays elb-1001sdrwb/s530-a3 packing quantity specification 1. 19pcs/tube, 72 tubes/box 2. 4boxes/carton label form specification cpn: customer's production number p/n : production number qty: packing quantity cat: ranks hue: dominant wavelength ref: reference lot no: lot number made in china: production place notes : 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight ass umes no responsibility for any damage resulting from use of the product which does not com ply with the absolute maximum ratings and the instructions included in these specific ation sheets. 3. these specification sheets include materials protected under copyright of everlight corporation. please dont reproduce or cause anyone to reproduce them withou t everlightsconsent. everlight electronics co.,ltd. http : //www.everlight.com rev. : 1 page: 6 of 6 device number :cddb-100-051 prepared date:2006/9/3 prepared by: yanli zhong lot no: eld-286gwb qty: cpn: pn: / hue: ref: cat: made in china everlight b1001sdrwb/s530-a3 e verlight electronics co., ltd. tel: (020) 84860913 , 84860914 office: 7c building ,lian hua port lndustrial district, lian hua shan fax: (020) 84860600 bonded pricessing, zone pan yu, guang zhou, china http:\\www.everlight.com


▲Up To Search▲   

 
Price & Availability of ELB-1001SDRWB-S530-A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X